|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
electro-magnetic sound generators www.jlworld.com jl world dimension unit : mm tolerance : 0.3mm specification (all data taken at 25c unless otherwise specified) value applying rated voltage, dc h rated voltage (vdc) 1.5 35 6 12 operating voltage (vdc) 1.3 ~ 2 2 ~ 53 ~ 7 4 ~ 7 8 ~ 15 h rated current (ma) 2030 h sound output at 10cm (db) 33 7585 h generated frequency (hz) 2300 300 operating temperature (c) -40 ~ +85 storage temperature (c) -40 ~ +85 weight (g) 2 modelHCM1201X hcm1203x hcm1205x hcm1206x hcm1212x 75 80 85 db 10 11 12 13 v 10 20 30 ma 10 11 12 13 v 75 80 85 db 23 24 25 26 v 10 20 30 ma 23 24 25 26 v 75 80 85 db 4 5 6 7 v 10 20 30 ma 4 5 6 7 v hce2306ax HCM1201X 70 75 80 db 1.2 1.4 1.6 1.8 v 10 15 20 ma v 1.2 1.4 1.6 1.8 10 20 30 ma 3 4 5 6 v 70 80 90 db 3 4 5 6 v 10 20 30 ma 8 10 12 14 v 70 80 90 db 8 10 12 14 v 10 20 30 ma 3 4 5 6 v 70 80 90 db 3 4 5 6 v 10 20 30 ma 2 3 4 5 v 70 80 90 db 2 3 4 5 v hcm1203x hcm1205x hcm1206x hcm1212x characteristics response measuring temperature : 25c measuring distance : 10cm 9.5 5.0 6.5 ?12.0 7.6 ?0.6 0.5 masking label epoxy resin sound port hcm12x series
|
Price & Availability of HCM1201X |